PART |
Description |
Maker |
PMB6811 |
S/M POWER Power Managem e n t for Cel l u l a r Systems
|
Infineon Technologies AG
|
MC145406D518 |
EIA-232-D/V.28 driver/receiver - Operating temperature: 0~70 Cel; Package: SOT162-1 (SO16); Container: Reel Dry Pack, SMD, 13" TRIPLE LINE TRANSCEIVER, PDSO16
|
TE Connectivity, Ltd.
|
PCA9516APW112 |
5-channel I<sup>2</sup>C hub - I2C-bus: 400 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 3.0~3.6 VDC; Outputs: 4; Package: SOT403-1 (TSSOP16); Container: Tube 10 LINE TRANSCEIVER, PDSO16
|
NXP Semiconductors N.V.
|
SC28C94A1A-T |
Quad universal asynchronous receiver/transmitter (QUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 52 ; Operating temperature: -40~85 Cel; Receiver/Transmitter type: Quad UARTs
|
NXP SEMICONDUCTORS
|
CBT3306D-T CBT3306GM |
Dual bus switch - # of Bits per Enable: 1 ; Description: Bus Switch ; Number of bits: 2 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC CBT/FST/QS/5C/B SERIES, DUAL 1-BIT DRIVER, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
CBT3384DK-T |
10-bit bus switch with 5-bit output enables - # of Bits per Enable: 5 ; Description: Bus Switch ; Number of bits: 10 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC CBT/FST/QS/5C/B SERIES, DUAL 5-BIT DRIVER, TRUE OUTPUT, PDSO24
|
NXP Semiconductors N.V.
|
CBT16210 CBT16210DL CBT16210DGG CBT16210DL-T |
20-bit bus switch with 10-bit output enables - # of Bits per Enable: 10 ; Description: Bus Switch ; Flow Through Pinout: yes ; Number of bits: 20 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC CBT16210; 20-bit bus switch with 10-bit output enables
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
SA56004FTK SA56004AD SA56004ADP SA56004ATK SA56004 |
隆戮1 隆?C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms --1 deg Cel accurate, SMBus-compatible, 8-pin, remote-local digital temperature sensor with overtemperature alarms ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
|
NXP Semiconductors N.V.
|
M95320-SBN6T M95640-DW3TP M95320-MB3 M95320-MB6 M9 |
64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators 32Kbit4Kbit SPI总线串行EEPROM的高速时 Triple 8-bit analog-to-digital video converter for HDTV 32Kbit4Kbit SPI总线串行EEPROM的高速时 I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio 32Kbit4Kbit SPI总线串行EEPROM的高速时 2 X 80 W SE (4 Ohm) or 1 X 160 W BTL (8 Ohm) class-D amplifier 32Kbit4Kbit SPI总线串行EEPROM的高速时 Low voltage transmission circuits with dialler interface 32Kbit4Kbit SPI总线串行EEPROM的高速时 In Car Entertainment (ICE) car radio 32Kbit4Kbit SPI总线串行EEPROM的高速时 2 x 100 W class-D power amplifier 32Kbit4Kbit SPI总线串行EEPROM的高速时 Dual asynchronous receiver/transmitter (DUART) - Application: Data Communication ; Function: Receivers/Transmitters ; Number of pins: 44 ; Operating temperature: -40~85 Cel; Receiver/Transmitter type: Dual UARTs 32Kbit4Kbit SPI总线串行EEPROM的高速时 Dual asynchronous receiver/transmitter (DUART) 32Kbit4Kbit SPI总线串行EEPROM的高速时 32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock 32Kbit4Kbit SPI总线串行EEPROM的高速时 Perforated Panel for Medium Enclosure; For Use With:NEMA Type 1 Steel Medium Enclosures; NEMA Type:1; Enclosure Color:Gray; Enclosure Material:Steel RoHS Compliant: Yes 32Kbit4Kbit SPI总线串行EEPROM的高速时 Memory module temp sensor with integrated SPD, 3.3 V Dual Dolby* B-type noise reduction circuit for playback applications N-channel enhancement mode field-effect transistor - Configuration: Single N-channel ; ID DC: 2.5 A; Qgd (typ): 1.6 nC; RDS(on): 85@4.5V115@2.5V mOhm; VDSmax: 20 V Universal hi-fi audio processor for TV Alignment-free vision and FM sound IF-PLL demodulator for negative modulated TV standards I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception New In Car Entertainment (NICE) car radio Front-end and PLL synthesizers for car radios HDMI transmitter up to 150 MHz pixel rate with 3 x 8-bit video inputs and 4 x I2S-bus with S/PDIF
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
M38220M7MGP M38222MADHP M38220EADHP M38221M8XXXHP |
SS49E Series Economical Linear Position Sensors; radial lead IC package Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-24 : Low ; Serial interface: 2xUARTI2C2xSPI2xCAN ; Series: LPC2200 family ; Special features: 2x CANJTAG; ETM ; System frequency: 0~60 MHz; Timers: 4 x : 16384 bytes; Reset active: Low ; Serial interface: 2xUARTI2C2xSPI2xCAN ; Series: LPC2200 family ; Special features: 2x CAN0 WS Exec. from int : 16384 bytes; Reset active: Low ; Serial interface: 2xUARTI2C2xSPI ; Series: LPC2200 family ; Special features: 0 WS Exec. from int. FlashJTAG; ETM ; Reset active: Low ; Serial interface: 2xUARTI2C2xSPI ; Series: LPC2200 family ; Special features: JTAG; ETM ; System frequency: 0~60 MHz; Timers: 4 x Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular SOCKET, D, IDC, 37WAY; Connector type:D Sub; Gender:Socket; Ways, No. of:37; Mating cycles, No. of:250; Termination method:IDC; Material, contact 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC IAR KS2103-02 Kickstart Board with on-board j-link MCB213x (Keil Evaluation Board) GASKET, 4 WAY; For use with:Har-link Connectors; Series:Har-link RoHS Compliant: Yes RES-ARRAY 22K-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA WLAN ADK Wireless LAN Application Development Kit (ADYA) MCB2100-U (Keil Evaluation Board ULINK) RES-ARRAY 220-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA BRACKET, 4 WAY; For use with:Har-link Connectors; Series:Har-link RoHS Compliant: Yes Han 10 B Hood Top Entry M20 RoHS Compliant: NA FlexRay bus ESD protection diode 8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins - # of Addresses: 64 ; I2C-bus: 400 kHz; Interrupt: 0-1 ; Max Sink 8-bit I2C and SMBus I/O port with 2-kbit EEPROM - # of Addresses: 8 ; I2C-bus: 400 kHz; Max Sink Current per bit: 25 mA; Max Sink Current, per CONN RJ45 JACK-JACK CAT5E RES-ARRAY 33-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA RES-ARRAY 300-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA CONNECTOR 110 WAY SHIELDED AMP 352068-1 Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:72000uF RoHS Compliant: Yes Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:25-29 Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-29 1120KBITS BRAM 800000 SYSTEM GATES 556 I - NOT RECOMMENDED for NEW DESIGN CONN RCPT 16POS .100 SGL STR PCB BUSSMANN DIVISION / TCF15 15A CUBE FUS/FINGER SAFE N-channel TrenchMOS (tm) transistor - Configuration: Single N-channel ; ID DC: 20 A; Qgd (typ): 22 nC; RDS(on): 130@10V mOhm; VDSmax: 200 V 4-bit GTL to GTL buffer - Application: Low voltage to low voltage buffer ; Function: Non-Latched GTL Buffer ; GTL Drive: 40 mA; Number of bits: 4 22-bit bi-directional low voltage translator - Application: Voltage Translation ; Function: Open Drain Voltage Translation ; Number of bits: 22 ; Operating temperature: -40~85 Cel; Voltage Translation Range: 1.0 to 5.0 ~ 1.0 to 5.0 V NPN/NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 10 kOhm - hFE max:>30 ; hFE min: 30 ; IO max: 100 mA; Input resistor: 10 kOhm; Polarity: 2x NPN ; Ptot max: 200 mW; Resistor ratio: 1 ; VCEO max: 50 V NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = open PNP/PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm Global Limit Switches Series GLS: Top Roller Arm, 2NC 2NO DPDT Snap Action, PF1/2 SS94 Series General Purpose Ratiometric Linear Sensor; Vdc supply voltage DELUXE TEST LEAD KIT RoHS Compliant: NA RES 1M-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA N-channel TrenchMOS (tm) transistor - Configuration: Single N-channel ; ID DC: 20 A; Qgd (typ): 22 nC; RDS(on): 130@10V mOhm; VDSmax: 200 V Low capacitance 7-fold bi-directional ESD protection diode arrays - Cd max.: 10 pF; IRM max: 0.025A; Number of protected lines: 7 ; PPP max: 35 W; VBR typ.: 7.6 V; VRWM: 5 V Low capacitance bidirectional ESD protection diodes - Cd max.: 45 pF; IRM max: 0.1A; Number of protected lines: 1 ; PPP max: 130 W; VBR typ.: 0 V; VRWM: 5 V PNP general purpose double transistor - Complement: PEMX1 ; fT min: 100 MHz; hFE max:>120 ; hFE min: 120 ; IC max: 100 mA; Polarity: 2x PNP ; Ptot max: 200 mW; VCEO max: 40 V NPN/PNP general purpose transistors - fT min: 100 MHz; hFE max:>120 ; hFE min: 120 ; IC max: 100 mA; Polarity: NPN / PNP ; Ptot max: 200 mW; VCEO max: 40 V Fivefold ESD protection diode arrays - Cd max.: 90 pF; IRM max: 0.015A; Number of protected lines: 5 ; PPP max: 200 W; VBR typ.: 18 V; VRWM: 15 V NPN general purpose double transistor - Complement: PEMT1 ; fT min: 100 MHz; hFE max:>120 ; hFE min: 120 ; IC max: 100 mA; Polarity: 2x NPN ; Ptot max: 200 mW; VCEO max: 40 V Ultra low capacitance double rail-to-rail ESD protection diode in a SOT143B package - Cd max.: 0 pF; IRM max: 0.1A; Number of protected lines: 2 ; PPP max: 0 W; VBR typ.: 0 V; VRWM: 3 V SR Series Rocker Boot 4-channel I2C-bus switch with interrupt logic and reset - # of Addresses: 4 ; I2C-bus: 400 kHz; Inputs: 1 ; Interrupt: 4-1 ; Operating temperature: -40~85 Cel; Operating voltage: 2.3~5.5 VDC; Outputs: 4 ; Reset input pin: yes Remote 16-bit I/O expander for Fm I2C-bus with reset Schottky barrier single diodes - Cd max.: 2@VR=1V pF; Configuration: single ; IF max: 120 mA; IFSM max: 200 A; IR max: 0.5@VR=30VA; VFmax: 370@IF=1mA mV; VR max: 40 V MULTI-STUD RING (A-1006-MS) Wideband variable gain amplifier - Dual: yes ; GBW product: 850 MHz; Input noise: 2.5 pA/sqrt(Hz); Operating temperature: -40~85 Cel; PSRR: 45 mV/V; Single supply: 4.5 to 7 VDC Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No Thyristor; logic level - IGT: 0.05 mA; IT (RMS): 0.8 A; VDRM: 200 V Triacs - IGT: 50 mA; IT (RMS): 25 A; VDRM: 400 V 9-bit odd/even parity generator/checker - Description: 9-Bit Odd/Even Parity Generator/Checker ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -1/ 20 mA ; Propagation delay: 7 ns; Voltage: 4.5-5.5 V Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:61; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:29; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:19; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Aluminum; Series:LJT; No. of Contacts:61; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No RES 1.6 OHM 3W 5% METAL OXIDE ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% NPN/PNP general purpose transistors - fT min: 100 MHz; hFE max:>200 ; hFE min: 200 ; IC max: 500 mA; Polarity: NPN / PNP ; Ptot max: 300 mW; VCEO max: 12 V Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Hot swappable I2C and SMBus bus buffer - I2C-bus: 400 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 2.7~5.5 VDC; Outputs: 1 RING NYLAKRIMP FUNNEL ENTRY (F-966-38) DIN Audio Connector; No. of Contacts:6; Contact Termination:Solder; Mounting Type:Cable; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Trenchmos (tm) Standard level FET - Configuration: Single N-channel ; ID DC: 75 A; Qgd (typ): 35 nC; RDS(on): 15@10V mOhm; VDSmax: 110 V Silicon Diffused Power Transistor - IC (DC): 12 A; IC (SAT): 6 A; tf(max): 0.15s; VCESM: 700 V Double ESD protection diodes for transient overvoltage suppression SS500 Series Latching Hall-Effect Sensor; SOT-89B surface mount packaget; available in 1,000/tape and reel XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs JT 42C 42#22 SKT RECP N-channel Trenchmos (tm) logic level FET 8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM 40 V, 200 mA PNP/PNP general-purpose double transistor POT 1.0M OHM 1/4 SQ CERM SL MT UHF wideband transistor - @ f1: 1000 ; @ f2: 2000 ; fT: 8 GHz; GUM @ f1: 14 dB; GUM @ f2: 8 dB; IC: 100 mA; Noise figure: 2@f21.3@f1 dB; Ptot: 365 mW; Polarity: NPN ; VCEO max: 10 V NPN switching transistor - fT min: 500 MHz; hFE max: 120 ; hFE min: 40 ; IC max: 200 mA; Polarity: NPN ; Ptot max: 250 mW; toff: 30 ns; VCEO max: 15 V Wideband variable gain amplifier - Amplifier type: Wideband variable gain ; Application: General-purpose/Linear ICs ; Function: Amplifiers ; Maximum power dissipation: 1100 Mw; Number of pins: 16 ; Operating temperature: -40~85 Cel; Vdd(max.): 5 DC-to-DC converter power train - Input voltage: 16 VDC; Operating frequency: 1 MHz; Output current: 25 A; Output voltage: 6 V 单芯位CMOS微机 Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC 16/32位单片微控制器;32/64/128/256/512kB 支持0AD/DA转化的ISP/IAP闪存 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual N-channel enhancement mode TrenchMOS (tm) transistor - Configuration: Dual N-channel ; I<sub>D</sub> DC: 3.4 A; R<sub>DS(on)</sub>: 100@10V200@4.5V mOhm; V<sub>DS</sub>max: 30 V 单芯位CMOS微机 Advanced LinCMOS(TM) Rail-To-Rail Output Wide-Input-Voltage Dual Operational Amplifier 8-SOIC -40 to 85 单芯位CMOS微机 8-channel analog multiplexer/demultiplexer 单芯位CMOS微机 JT 41C 41#20 SKT RECP 单芯位CMOS微机 NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm NPN配电阻型晶体R1=2.2千欧姆,R2=47千欧 Nexperia media processor 单芯位CMOS微机 SD MPEG-2 SoC 单芯位CMOS微机 RF CONNECTOR; SMA FEMALE BULKHEAD, SOLDER ATTACHMENT FOR PE-034SR (.034" SEMI-RIGID) 单芯位CMOS微机 1-of-8 decoder/demultiplexer - Description: 3-to-8 Line Decoder/Demultiplexer; Inverting ; Logic switching levels: TTL ; Number of pins: 16 ; Output drive capability: -1/ 20 mA ; Propagation delay: 6.1 ns; Voltage: 4.5-5.5 V 单芯位CMOS微机 Circular Connector; No. of Contacts:128; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:25-35 单芯位CMOS微机 CONN RCPT 46POS .100 DL STR PCB 单芯位CMOS微机 Digital satellite tuner RF IC 单芯位CMOS微机 RF CONNECTOR; SMA MALE, RIGHT ANGLE, SOLDER ATTACHMENT FOR PE-034SR (.034" SEMI-RIGID) 单芯位CMOS微机 PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm PNP配电阻型晶体管;R1=47千欧姆,R2=22千欧 PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=47千欧姆,R2=47千欧 PNP/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 单芯位CMOS微机 MIFARE DESFire contactless multi-application IC 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯8位CMOS微机 Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface 单芯位CMOS微机 Octal inverting buffer (3-state) - Description: Octal Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -15/ 64 mA ; Propagation delay: 4.5 ns; Voltage: 4.5-5.5 V 单芯位CMOS微机 MCB2100 (Keil Evaluation Board) 单芯位CMOS微机 KS2106 (IAR Kickstart Board for LPC2104/5/6) 单芯位CMOS微机 phyCORE-ARM7/LPC2220 RDK (LPC2220 Rapid Development Kit) 单芯8位CMOS微机 MOSFET driver MOSFET驱动 4-bit asynchronous bus arbiter - Description: 4-Bit Asynchronous Bus Arbiter ; Logic switching levels: TTL ; Number of pins: 16 ; Output drive capability: -1/ 24 mA ; Propagation delay: 4.5 ns; Voltage: 4.5-5.5 V 单芯位CMOS微机 CONN HEADER 200POS .8MM DUAL SMD 单芯位CMOS微机 CONNECTOR ACCESSORY 连接器附 Advanced LinCMOS(TM) Rail-To-Rail Output Wide-Input-Voltage Dual Operational Amplifier 8-TSSOP -40 to 85 单芯位CMOS微机 Quad 2-input NAND 30Ohm driver - Description: 2-Input 30 Ohm Line Driver; Non-Inverting ; Logic switching levels: TTL ; Number of pins: 16 ; Output drive capability: -67/ 160 mA ; Propagation delay: 2 ns; Voltage: 4.5-5.5 V 单芯位CMOS微机 8-BIT SINGLE CHIP MICROCONTROLLERS 8位单晶片微控制器 5-channel I2C hub - I2C-bus: 400 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 3.0~3.6 VDC; Outputs: 4 单芯位CMOS微机 Circular Connector; No. of Contacts:55; Series:MS27472; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 单芯位CMOS微机 Hot swappable I2C-bus and SMBus bus buffer - I2C-bus: 400 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 2.7~5.5 VDC; Outputs: 1 单芯位CMOS微机 1 A very low VF MEGA Schottky barrier rectifier 1安很低正向压降MEGA肖特基势垒整流器 32-Bit System-on-Chip 单芯位CMOS微机 IC LOGIC 244 OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS -40 85C QSOP-20 55/TUBE 单芯位CMOS微机 Silicon temperature sensors 单芯位CMOS微机 2-to-1 I²C-bus master selector with interrupt logic and reset 单芯位CMOS微机 ULPI Hi-Speed USB transceiver 单芯位CMOS微机 DisplayPort protection 单芯位CMOS微机 32 kHz watch circuits with EEPROM 单芯位CMOS微机 Dual 14 bits DAC, up to 160 MHz, 2 x interpolating 单芯位CMOS微机 Gen1 Hex Display Multiplexer - Bandwidth: 2.7 Gbps ; Number of channels: 6 ; Operating temperature: -10~ 85 Cel; Standby current: 10 uA; Supply current: 0.2 mA; Supply voltage: 3.0~3.6 V 单芯位CMOS微机 Trenchmos (tm) Standard level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 75 A; Q<sub>gd</sub> (typ): 35 nC; R<sub>DS(on)</sub>: 15@10V mOhm; V<sub>DS</sub>max: 110 V PLUG, D, IDC, 25WAY; Connector type:D Sub; Gender:Plug; Ways, No. of:25; Mating cycles, No. of:250; Termination method:IDC; Material, contact:Beryllium Copper; Plating, contact:Gold over Nickel; Material:Steel; Colour:Yellow; RoHS Compliant: Yes Insulation Displacement (IDC) Connector; Leaded Process Compatible:No; No. of Positions:25; Peak Reflow Compatible (260 C):No; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold Flash Over Nickel RoHS Compliant: No RING TERM LB AWG-22-18 # 6 SOCKET, D, IDC, 15WAY; Connector type:D Sub; Gender:Socket; Ways, No. of:15; Mating cycles, No. of:250; Termination method:IDC; Material, contact:Beryllium Copper; Plating, contact:Gold over Nickel; Material:Steel; Colour:Yellow; RoHS Compliant: Yes POT 200K OHM 1/2 SQ CERM SL MT Electrolytic Capacitor, Radial CAN transceiver for 24 V systems EPM900 (Keil Emulator)
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Sumida, Corp.
|
|